|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TOKEN TRMF Multilayer Ceramic Inductors Multilayer Ceramic Inductors Multilayer Ceramic Inductors Add New Options for High-Frequency Applications Preview Ceramic materials and process technologies have allowed Token to add magnetics portfolio with a new series of multilayer high-frequency ceramic inductors. The Token TRMF series inductors are aimed at signal shaping and RF filtering applications in a wide range of electronic systems. Target end products include remote controls, high-end video processing equipment, set-top boxes, cell phones, pagers, keyless entry systems, wireless and wireline networks, and cable modems. Standard inductance options for the TRMF series range from 1 nH to 100 nH. Available tolerances are 0.3nH, 5%, and 10%. Maximum DC resistance (DCR) ranges from 0.1 to 2.5 depending on inductance. In a space-saving surface-mount 0402 package measures (1 x 0.5 mm) and with 2-mil (0.5 mm) height profile. 0402, 0603, and 0805 package size are available. TRMF inductors feature a high Q rating and minimum self-resonant frequency ranges from 0.6 GHz to 10 GHz. Designed for reliable operation in high-frequency applications, TRMF inductors are rated for currents from 100 mA to 500 mA. Their surface-mount packaging is solderable by reflow or wave methods and specified for a wide operating temperature range of -55C to +125C. The TRMF series is fully RoHS compliant and is supplied in tape and reel packaging ready for use with automated assembly processes. Contact us with your specific needs. Features : - High Q and high reliability and ceramic material. - To prevent EMI interference noises between electronic circuits. Applications : - Display Monitor, Gaming Machine, - Notebook Computer, Disc Drive Unit(CD/DVD), - Inkjet Printer, Hard Disk Drive, Copying Machine, - Video Tape Recorder, DVD Player, Video Camera, - Color TV, Digital Still Camera, Car Electronics, Lowest EMI. www..net Version 2010 http://www.token.com.tw/ rfq token.com.tw 01 of 13 TOKEN TRMF Multilayer Ceramic Inductors Configurations & Dimensions (unit: mm) A B C E D Land Pattern F G Type TRMF100505 (0402) TRMF160808 (0603) TRMF201209 (0805) A 1.0 0.1 1.6 0.2 2.0 0.2 B 0.5 0.1 0.8 0.2 1.2 0.2 C 0.5 0.1 0.8 0.2 0.9 0.2 D 0.1(min) 0.3 0.2 0.5 0.3 E 0.5 0.7 1.0 F 0.45 0.70 0.80 G 0.5 0.7 1.0 02 of 13 http://www.token.com.tw/ rfq token.com.tw Version 2010 TOKEN Part Number TRMF100505 - 1N0* TRMF100505 - 1N2* TRMF100505 - 1N5* TRMF100505 - 1N8* TRMF100505 - 2N2* TRMF100505 - 2N7* TRMF100505 - 3N3* TRMF100505 - 3N9* TRMF100505 - 4N7* TRMF100505 - 5N6* TRMF100505 - 6N8* TRMF100505 - 8N2* TRMF100505 - 10N* TRMF100505 - 12N* TRMF100505 - 15N* TRMF100505 - 18N* TRMF100505 - 22N* TRMF100505 - 27N* TRMF100505 - 33N* TRMF100505 - 39N* TRMF100505 - 47N* TRMF100505 - 56N* TRMF100505 - 68N* TRMF100505 - 82N* TRMF100505 - R10* Inductance (nH) 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 TRMF Multilayer Ceramic Inductors Q (typical) Self Resistance Current Frequency Resonant DC/Max DC/Max (MHz) Frequency (Ohm) (mA) /Min.(GHz) 100 500 800 11 33 37 0.12 10.0 300 11 29 26 0.12 10.0 300 12 29 40 0.13 6.00 300 11 26 34 0.14 6.00 300 11 26 36 0.16 6.00 300 12 29 38 0.17 6.00 300 11 28 37 0.19 6.00 300 11 26 32 0.22 4.00 300 12 28 37 0.24 4.00 300 11 26 35 0.27 4.00 300 11 26 34 0.32 3.90 300 12 26 34 0.37 3.50 300 11 25 31 0.42 3.20 300 11 25 31 0.50 2.60 300 11 24 30 0.55 2.30 300 11 24 30 0.65 2.00 300 12 24 30 0.80 1.60 300 11 24 28 0.90 1.40 300 12 23 26 1.00 1.20 200 11 21 24 1.20 1.10 150 11 21 23 1.30 0.90 150 12 21 21 2.00 0.75 150 11 19 19 2.20 0.75 100 10 19 16 2.50 0.60 100 10 18 2.50 0.60 100 (TRMF100505) Electrical Characteristics (EIA 0402) Quality L/Q Factor Freq. /Min (MHz) 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 Tolerance 0.3nH 0.3nH 0.3nH 0.3nH 0.3nH 0.3nH 0.3nH,10% 0.3nH,10% 0.3nH,10% 0.3nH,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% Note: Measuring Equipment : HP-4291B + 16192A Storage Temperature : 253C ; Humidity<80% RH CL02ST1N0 50.0 40.0 L(nH) 30.0 20.0 10.0 0.0 1 10 100 1000 50 45 40 35 30 25 20 15 10 5 0 10000 50 40 L(nH) 30 20 10 0 1 10 CL02ST1N2 140 120 100 80 60 40 20 100 1000 0 10000 Q Q FREQUENCY(MHz) FREQUENCY(MHz) Version 2010 http://www.token.com.tw/ rfq token.com.tw 03 of 13 TOKEN CL02ST1N5 50 40 L(nH) 30 20 10 0 1 10 100 TRMF Multilayer Ceramic Inductors 120 100 80 L(nH) 60 40 20 0 1000 10000 50 40 CL02ST1N8 120 100 80 60 40 20 Q 30 20 10 0 1 10 100 1000 Q 0 10000 FREQUENCY(MHz) FREQUENCY(MHz) 50 40 L(nH) 30 20 10 0 1 10 CL02ST2N2 CL02ST2N7 120 100 80 60 40 20 0 L(nH) 50 40 120 100 80 60 40 20 0 1 10 100 1000 10000 Q 30 20 10 0 Q 100 1000 10000 FREQUENCY(MHz) FREQUENCY(MHz) CL02ST3N3 50 40 L(nH) 30 20 10 0 1 10 100 1000 100 80 50 40 CL02ST3N9 70 60 50 40 30 20 10 0 1 10 100 1000 10000 40 20 0 10000 Q L(nH) 60 30 20 10 0 Q FREQUENCY(MHz) FREQUENCY(MHz) CL02ST4N7 50 40 L(nH) 30 20 10 0 1 10 100 1000 70 60 50 30 20 10 0 10000 40 50 40 CL02ST5N6 70 60 50 40 30 20 10 0 1 10 100 1000 10000 Q L(nH) 30 20 10 0 Q FREQUENCY(MHz) FREQUENCY(MHz) 04 of 13 http://www.token.com.tw/ rfq token.com.tw Version 2010 TOKEN CL02JT6N8 50 40 L(nH) 30 20 10 0 1 10 100 TRMF Multilayer Ceramic Inductors CL02JT8N2 60 50 40 L(nH) 30 20 10 0 1000 10000 50 40 60 50 40 30 20 10 0 1 10 100 1000 10000 Q 30 20 10 0 Q FREQUENCY(MHz) FREQUENCY(MHz) CL02JT10N 50 40 L(nH) 30 20 10 0 1 10 100 1000 45 40 35 30 25 20 15 10 5 0 10000 CL02JT12N 45 40 35 30 50 45 40 35 30 25 20 15 10 5 0 10000 Q L (nH) 25 20 15 10 5 0 1 10 100 1000 Q FREQUENCY(MHz) FREQUENCY(MHz) CL02JT15N 50 40 L(nH) 30 20 10 0 1 10 100 1000 40 35 30 20 15 10 5 0 10000 25 50 40 CL02JT18N 35 30 25 20 15 10 5 0 1 10 100 1000 10000 Q L(nH) 30 20 10 0 Q FREQUENCY(MHz) FREQUENCY(MHz) CL02JT22N 50 40 L(nH) 30 20 10 0 1 10 100 1000 40 35 30 20 15 10 5 0 10000 25 CL02JT24N 50 40 L(nH) 30 20 10 0 1 10 100 1000 35 30 25 20 15 10 5 0 10000 Q Q FREQUENCY(MHz) FREQUENCY(MHz) Version 2010 http://www.token.com.tw/ rfq token.com.tw 05 of 13 TOKEN CL02JT27N 50 40 L(nH) 30 20 10 0 1 10 100 TRMF Multilayer Ceramic Inductors CL02JT33N 35 30 25 15 10 5 0 1000 10000 20 50 40 50 45 40 35 30 25 20 15 10 5 0 10000 Q L(nH) 30 20 10 0 1 10 100 1000 Q FREQUENCY(MHz) FREQUENCY(MHz) CL02JT39N 50 40 L(nH) 30 20 10 0 1 10 100 1000 30 25 20 15 10 5 0 10000 L(nH) 100 90 80 70 60 50 40 30 20 10 0 1 10 CL02JT47N 25 20 15 10 5 0 100 1000 10000 Q Q FREQUENCY(MHz) FREQUENCY(MHz) CL02JT56N 100 80 L(nH) 60 40 20 0 1 10 100 1000 25 20 200 150 CL02JT68 25 20 15 10 5 0 1 10 100 1000 10000 10 5 0 10000 Q L(nH) 15 100 50 0 Q FREQUENCY(MHz) FREQUENCY(MHz) CL02JT82 200 150 L(nH) 100 50 0 1 10 100 1000 20 15 10 5 0 10000 1200 1000 800 L(nH) CL02JTR10 18 16 14 12 10 8 6 4 2 0 1 10 100 1000 10000 Q 600 400 200 0 Q FREQUENCY(MHz) FREQUENCY(MHz) 06 of 13 http://www.token.com.tw/ rfq token.com.tw Version 2010 TOKEN Part Number TRMF201209 - 1N0* TRMF201209 - 1N2* TRMF201209 - 1N5* TRMF201209 - 1N8* TRMF201209 - 2N2* TRMF201209 - 2N7* TRMF201209 - 3N3* TRMF201209 - 3N9* TRMF201209 - 4N7* TRMF201209 - 5N6* TRMF201209 - 6N8* TRMF201209 - 8N2* TRMF201209 - 10N* TRMF201209 - 12N* TRMF201209 - 15N* TRMF201209 - 18N* TRMF201209 - 22N* TRMF201209 - 27N* TRMF201209 - 33N* TRMF201209 - 39N* TRMF201209 - 47N* TRMF201209 - 56N* TRMF201209 - 68N* TRMF201209 - 82N* TRMF201209 - R10* Inductance (nH) 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.80 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 TRMF Multilayer Ceramic Inductors (TRMF201209) Electrical Characteristics (EIA 0805) Tolerance 0.3nH 0.3nH 0.3nH 0.3nH 0.3nH 0.3nH 0.3nH,10% 0.3nH,10% 0.3nH,10% 0.3nH,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% Quality Factor /Min. 10 10 10 10 10 12 12 12 12 12 15 15 15 15 15 15 15 15 15 18 18 18 18 18 18 L/Q Freq (MHz) 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 Self Resonant Frequency /Min.(GHz) >6.00 >6.00 >6.00 >6.00 >6.00 >6.00 >6.00 5.40 4.50 4.00 3.65 3.00 2.50 2.45 2.00 1.75 1.70 1.55 1.35 1.30 1.20 1.15 1.00 0.85 0.73 Resistance DC/Max (Ohm) 0.10 0.10 0.10 0.10 0.10 0.10 0.13 0.15 0.20 0.23 0.25 0.28 0.30 0.35 0.40 0.45 0.50 0.55 0.60 0.65 0.70 0.75 0.80 0.90 1.00 Current DC/Max (mA) 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 300 Version 2010 http://www.token.com.tw/ rfq token.com.tw 07 of 13 TOKEN CL03ST1N0 50 40 L(nH) 30 20 10 0 1 10 100 TRMF Multilayer Ceramic Inductors CL03ST1N2 180 160 140 120 100 80 60 40 20 0 10000 50 40 200 150 100 50 0 10000 Q L(nH) 30 20 10 0 1 10 100 1000 Q 1000 FREQUENCY(MHz) FREQUENCY(MHz) CL03ST1N5 50 40 L(nH) 30 20 10 0 1 10 100 1000 300 250 200 150 100 50 0 10000 L(nH) 50 40 CL03ST1N8 120 100 80 60 40 20 1 10 100 1000 0 10000 Q 30 20 10 0 Q FREQUENCY(MHz) FREQUENCY(MHz) CL03ST2N2 50 40 L(nH) 30 20 10 0 1 10 100 1000 120 100 80 L(nH) 60 40 20 0 10000 50 40 CL03ST2N7 120 100 80 60 40 20 0 1 10 100 1000 10000 Q 30 20 10 0 Q FREQUENCY(MHz) FREQUENCY(MHz) CL03ST3N3 50 40 L(nH) 30 20 10 0 1 10 100 1000 100 90 80 70 60 50 40 30 20 10 0 10000 50 40 CL03ST3N9 140 120 100 80 60 40 20 1 10 100 1000 0 10000 Q L(nH) 30 20 10 0 Q FREQUENCY(MHz) FREQUENCY(MHz) 08 of 13 http://www.token.com.tw/ rfq token.com.tw Version 2010 TOKEN CL03ST4N7 50 40 L(nH) 30 20 10 0 1 10 100 1000 TRMF Multilayer Ceramic Inductors CL03ST5N6 100 80 L(nH) 60 40 20 0 10000 50 40 70 60 50 40 30 20 10 0 1 10 100 1000 10000 Q 30 20 10 0 Q FREQUENCY(MHz) FREQUENCY(MHz) CL03JT6N8 50 40 L(nH) 30 20 10 0 1 10 100 1000 60 50 40 L(nH) 30 20 10 0 10000 50 40 CL03JT8N2 60 50 40 30 20 10 0 1 10 100 1000 10000 Q 30 20 10 0 Q FREQUENCY(MHz) FREQUENCY(MHz) CL03JT10N 50 40 L(nH) 30 20 10 0 1 10 100 1000 45 40 35 30 25 20 15 10 5 0 10000 50 40 L (nH) 30 20 10 0 1 10 CL03JT12N Q 100 1000 50 45 40 35 30 25 20 15 10 5 0 10000 Q FREQUENCY(MHz) FREQUENCY(MHz) CL03JT15N 140 120 100 L(nH) 80 60 40 20 0 1 10 100 1000 40 35 30 L(nH) 25 20 15 10 5 0 10000 50 40 CL03JT18N 35 30 25 20 15 10 5 1 10 100 1000 0 10000 Q 30 20 10 0 Q FREQUENCY(MHz) FREQUENCY(MHz) Version 2010 http://www.token.com.tw/ rfq token.com.tw 09 of 13 TOKEN CL03JT22N 100 80 L(nH) 60 40 20 0 1 10 100 TRMF Multilayer Ceramic Inductors CL03JT27 40 35 30 20 15 10 5 1000 0 10000 25 100 90 80 70 60 50 40 30 20 10 0 1 10 100 1000 40 35 30 25 20 15 10 5 0 10000 Q L(nH) Q FREQUENCY(MHz) FREQUENCY(MHz) CL03JT33 100 90 80 70 60 50 40 30 20 10 0 1 10 100 1000 35 30 25 15 10 5 0 10000 20 100 80 CL03JT39N 45 40 35 30 25 20 15 10 5 0 10000 L(nH) Q L(nH) 60 40 20 0 1 10 100 1000 Q FREQUENCY(MHz) FREQUENCY(MHz) CL03JT47 1000 800 L(nH) 600 400 200 0 1 10 100 1000 40 35 30 20 15 10 5 0 10000 25 1000 800 CL03JT56 35 30 25 20 15 10 5 0 1 10 100 1000 10000 Q L(nH) 600 400 200 0 Q FREQUENCY(MHz) FREQUENCY(MHz) CL03JT68 1000 800 L(nH) 600 400 200 0 1 10 100 1000 35 30 25 L(nH) 20 15 10 5 0 10000 1000 800 CL03JT82 35 30 25 20 15 10 5 1 10 100 1000 0 10000 Q 600 400 200 0 Q FREQUENCY(MHz) FREQUENCY(MHz) 10 of 13 http://www.token.com.tw/ rfq token.com.tw Version 2010 TOKEN CL03JTR10 1000 800 L(nH) 600 400 200 0 1 10 100 TRMF Multilayer Ceramic Inductors CL03JTR12 30 25 20 15 10 5 1000 0 10000 L(nH) 1000 800 30 25 20 15 10 5 1 10 100 1000 0 10000 Q 600 400 200 0 Q FREQUENCY(MHz) FREQUENCY(MHz) CL03JTR15 1000 800 L(nH) 600 400 200 0 1 10 100 1000 30 25 20 15 10 5 0 10000 L(nH) 1000 800 CL03JTR18 25 20 15 10 5 0 10000 Q 600 400 200 0 1 10 100 1000 Q FREQUENCY(MHz) FREQUENCY(MHz) CL03JTR22 1000 800 L(nH) 600 400 200 0 1 10 100 1000 25 20 CL03JTR27 1000 800 25 20 15 10 5 0 1000 10 5 0 10000 Q L(nH) 15 600 400 200 0 1 10 100 Q FREQUENCY(MHz) FREQUENCY(MHz) 1000 900 800 700 600 500 400 300 200 100 0 1 10 CL03JTR33 25 20 L (nH) 15 10 5 0 10000 1000 800 600 400 200 0 1 10 CL03JTR39 Q 100 1000 100 1000 20 18 16 14 12 10 8 6 4 2 0 10000 L (nH) Q FREQUENCY(MHz) FREQUENCY(MHz) Version 2010 http://www.token.com.tw/ rfq token.com.tw 11 of 13 TOKEN Inductance (nH) 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15.00 18 22 27 33 39 47 56 68 82 100 TRMF Multilayer Ceramic Inductors (TRMF160808) Electrical Characteristics (EIA 0603) Quality L/Q Factor Freq. /Min (MHz) 8 8 8 8 8 8 10 10 10 10 10 10 12 12 12 12 12 12 12 12 12 12 12 12 12 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 Q (typical) Self Resistance Current Frequency Resonant DC/Max DC/Max (MHz) Frequency (Ohm) (mA) /Min.(GHz) 100 500 800 15 36 49 0.10 6.0 500 15 36 49 0.10 6.0 500 14 34 47 0.10 6.0 500 17 40 55 0.10 6.0 500 15 38 49 0.10 6.0 500 14 37 48 0.10 6.0 500 16 40 51 0.13 6.0 500 14 36 48 0.15 6.0 500 14 37 48 0.20 4.0 500 14 36 46 0.23 4.0 500 15 37 48 0.25 3.75 500 16 39 50 0.28 3.30 500 16 37 47 0.30 3.0 300 15 36 45 0.35 2.6 300 16 38 48 0.40 2.3 300 17 38 47 0.45 2.0 300 18 40 49 0.50 1.6 300 18 40 47 0.55 1.4 300 17 40 46 0.60 1.2 300 19 40 46 0.65 1.1 300 17 36 39 0.70 0.9 300 18 36 37 0.75 0.9 300 18 35 36 0.85 0.7 300 18 33 29 1.00 0.6 300 18 28 16 1.20 0.6 300 Part Number TRMF160808 - 1N0* TRMF160808 - 1N2* TRMF160808 - 1N5* TRMF160808 - 1N8* TRMF160808 - 2N2* TRMF160808 - 2N7* TRMF160808 - 3N3* TRMF160808 - 3N9* TRMF160808 - 4N7* TRMF160808 - 5N6* TRMF160808 - 6N8* TRMF160808 - 8N2* TRMF160808 - 10N* TRMF160808 - 12N* TRMF160808 - 15N* TRMF160808 - 18N* TRMF160808 - 22N* TRMF160808 - 27N* TRMF160808 - 33N* TRMF160808 - 39N* TRMF160808 - 47N* TRMF160808 - 56N* TRMF160808 - 68N* TRMF160808 - 82N* TRMF160808 - R10* Tolerance 0.3nH 0.3nH 0.3nH 0.3nH 0.3nH 0.3nH 0.3nH,10% 0.3nH,10% 0.3nH,10% 0.3nH,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 5%,10% 12 of 13 http://www.token.com.tw/ rfq token.com.tw Version 2010 TOKEN How to Order TRMF Multilayer Ceramic Inductors TRMF100505 1N2 S Part Number: TRMF100505, TRMF160808, TRMF201209 Inductance Code 1N2 10N R10 Tolerance Code S Inductance 1.2nH 10.0nH 100.00nH J K M Impedance 0.3nH 5% 10% 20% Back to 1st Page - RF Multilayer Ceramic Inductors (TRMF) Version 2010 http://www.token.com.tw/ rfq token.com.tw 13 of 13 |
Price & Availability of TRMF |